PART |
Description |
Maker |
PEEL22CV10AJ-10 PEEL22CV10AJ-10L PEEL22CV10ATI-10 |
CMOS Programmable Electrically Erasable Logic Device 12 inputs 10 I/Os 10 registers 12 configurable macro cells 24/28 pins 5V zero power SPLD
|
http:// Anachip Corp
|
EPM7032AETC44-4 EPM7064AELC44-10 EPM7064AELI44-7N |
High-performance 3.3-V EEPROM-based programmable logic devices (PLDs) built on second-generation Multiple Array MatriX Programmable Logic Device Family Programmable Logic Device
|
Altera Corporation
|
MAX3.00A EPM3032ALC44-10 EPM3032ALC44-4 EPM3032ALC |
Programmable logic , 128 macrocells, 8 logic array blocks, 96 I/O pins, 7ns Programmable logic , 128 macrocells, 8 logic array blocks, 96 I/O pins, 5ns Programmable logic , 128 macrocells, 8 logic array blocks, 96 I/O pins, 10ns Programmable logic , 64 macrocells, 4 logic array blocks, 66 I/O pins, 7ns Programmable logic , 64 macrocells, 4 logic array blocks, 66 I/O pins, 4ns Programmable logic , 64 macrocells, 4 logic array blocks, 66 I/O pins, 10ns Programmable logic , 32 macrocells, 2 logic array blocks, 34 I/O pins, 7ns Programmable logic , 32 macrocells, 2 logic array blocks, 34 I/O pins, 4ns Programmable logic , 32 macrocells, 2 logic array blocks, 34 I/O pins, 10ns Programmable Logic Device Family
|
Altera Corporation
|
DCG015 |
MACH4 ISP EEPLD, SMD, TQFP144, 5V; Logic IC family:Programmable; Logic IC function:Programmable ISP; Voltage, supply:5V; Case style:TQFP; Base number:4; I/O lines, No. of:96; Logic function number:M4; Macrocells, No. of:192; Pins, RoHS Compliant: Yes High-Speed Switching Diode
|
Sanyo Electric Co.,Ltd. Sanyo Semicon Device
|
AM4701-45JC AM4701-45PC AM4701-35 AM4701-35JC AM47 |
Dual 512 x 8 Bidirectional Parity Generator/Checker, Bypass Mode, Programmable AE/AF Flags 512 X 8 BI-DIRECTIONAL FIFO, 45 ns, PDIP28 Dual 512 x 8 Bidirectional Parity Generator/Checker, Bypass Mode, Programmable AE/AF Flags 512 X 8 BI-DIRECTIONAL FIFO, 45 ns, PQCC32
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
M27V512 M27V512-100B1TR M27V512-100B6TR M27V512-10 |
Programmable Logic Controller; For Use With:MicroSmart series PLCs; Supply Voltage:24VDC 512千位64Kb的x8低压紫外线EPROM和检察官办公室存储器 Quadruple 2-Input Positive-NAND Buffers/Drivers 14-PDIP 0 to 70 512千位64Kb的x8低压紫外线EPROM和检察官办公室存储器 512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM 512千位64Kb的x8低压紫外线EPROM和检察官办公室存储器
|
STMicroelectronics N.V. Hitachi,Ltd. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
ISPLSI2064V-100LJ84 ISPLSI2064V-100LJ84I ISPLSI206 |
3.3V High Density Programmable Logic 3.3V High Density Programmable Logic 3.3高密度可编程逻辑 3.3V High Density Programmable Logic EE PLD, 15 ns, PQCC84
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
UPSD3212AV-24T6T UPSD3212AV-40U6T UPSD3212C-40U6 U |
FLASH PROGRAMMABLE SYSTEM DEVICES WITH 8032 MCU WITH USB AND PROGRAMMABLE LOGIC
|
STMICROELECTRONICS[STMicroelectronics]
|
PALCE16V8H-5SC PALCE16V8H-5SI PALCE16V8H-5SI4 PALC |
CAP 47PF 100V 5% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR CAP 47PF 200V 5% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE CMOS 20-Pin Universal Programmable Array Logic 电子工程的CMOS 20引脚通用可编程阵列逻辑 EE CMOS 20-Pin Universal Programmable Array Logic EE PLD, 20 ns, PDIP20 EE CMOS 20-Pin Universal Programmable Array Logic EE PLD, 25 ns, PQCC20 EE CMOS 20-Pin Universal Programmable Array Logic EE PLD, 25 ns, PDIP20 EE CMOS 20-Pin Universal Programmable Array Logic EE PLD, 15 ns, PQCC20 EE CMOS 20-Pin Universal Programmable Array Logic EE PLD, 15 ns, PDIP20 EE CMOS 20-Pin Universal Programmable Array Logic EE PLD, 20 ns, PQCC20 CAP 47PF 50V 5% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR 电子工程的CMOS 20引脚通用可编程阵列逻辑 CAP 47PF 100V 5% NP0(C0G) SMD-1206 SN-NIBAR SPECIAL PKG 电子工程的CMOS 20引脚通用可编程阵列逻辑 8 BIT MCU W/8K FLASH
|
Advanced Micro Devices, Inc. Lattice Semiconductor, Corp. ADVANCED MICRO DEVICES INC
|
PEEL16V8J-15 PEEL16V8J-25 PEEL16V8P-15 PEEL16V8P-2 |
PEEL?V8 -15/-25 CMOS Programmable Electrically Erasable Logic PEEL??V8 -15/-25 CMOS Programmable Electrically Erasable Logic PEEL⑩6V8 -15/-25 CMOS Programmable Electrically Erasable Logic
|
List of Unclassifed Manufacturers ETC
|
AMPAL16R6AL/B2A PAL16L-4DC PAL16L-72DC PAL16L-42DC |
20-PIN TTL PROGRAMMABLE ARRAY LOGIC 20针的TTL可编程阵列逻辑 Fuse-Programmable PLD 保险丝,可编程的PLD 3/8 Pin 100mA Fixed 5V Positive Voltage Regulator 3-TO-92 0 to 125 5.0 AMP POSITIVE VOLTAGE REGULATOR 20-PIN TTL PROGRAMMABLE ARRAY LOGIC
|
http:// Rubycon, Corp. Advanced Micro Devices, Inc.
|
BC213A BC214B BC214A BC213C BC158B BC158A BC147B B |
Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Number of Circuits:1728; Mounting Type:surface mount Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:147; Package/Case:208-PQFP; Leaded Process Compatible:No; Number of Circuits:1728 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:176; Package/Case:256-FBGA; Leaded Process Compatible:No; Number of Circuits:1728 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Leaded Process Compatible:No; Number of Circuits:576 ; Temperature, operating range:-40(degree C) to (degree C); Base number:16; IC Generic RoHS Compliant: Yes ; Temperature, operating range:-40(degree C) to (degree C); Base number:1; IC Generic RoHS Compliant: Yes FPGA, FLEX 10K, 10K GATES, PQFP208; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K10; Voltage, supply:5.0V; Case style:PQFP MAX 3000A CPLD 128 MC 100-TQFP MAX 7000 CPLD 128 MC 100-PQFP Stratix II GX FPGA 60K FPGA-780 晶体管|晶体管|进步党| 20V的五(巴西)总裁| 100mA的我(丙 Stratix II FPGA 60K FBGA-672 晶体管|晶体管|叩| 45V的五(巴西)总裁| 100mA的我(丙 SERIAL CONFIG MEMORY, 16M, SOIC16; Memory type:FLASH; Memory size:16MB; Temp, op. min:-40(degree C); Temp, op. max:85(degree C); Case style:SOIC; Temperature, operating range:-40(degree C) to (degree C); Base number:16; IC Generic RoHS Compliant: Yes
|
Golledge Electronics, Ltd. STMicroelectronics N.V.
|